PART |
Description |
Maker |
UP8806NEC5 |
Ultra Low Noise, Fast Response, High PSRR
|
uPI Group Inc.
|
LDO-512 |
Ultra Low Noise, High PSRR, Low Power, 30mA Very Low Dropout Voltage Regulators
|
STMicroelectronics
|
SEMP8965 |
Fast Ultra High-PSRR, Low Noise, Low-Dropout
|
SeCoS Halbleitertechnologie GmbH
|
YB1210ST89S-1.8G YB1210ST25S-1.8G YB1210ST23S-1.8G |
300mA Ultra-Low-Noise, High PSRR LDO Regulator
|
YOBON TECHNOLOGIES,INC.
|
UP8805PMA5-00 UP8805QMA5-00 UP8805RMA5-00 |
Ultra Low Noise, Fast Response, High PSRR Low Dropout Linear Regulator
|
uPI Group Inc.
|
NCP700CMT45TBG |
200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
|
ON Semiconductor
|
LDLN015PU33R LDLN015PU15R LDLN015PU12R |
150 mA - ultra low noise - high PSRR linear voltage regulator IC
|
ST Microelectronics
|
TPS79901-EP-18 |
<font color=red>[Old version datasheet]</font> 200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
|
TI store
|
NCP163AFCS260T2G NCP163BFCS2925T2G NCP163AMX300TBG |
250 mA, Ultra-Low Noise and High PSRR LDO Regulator 250 mA, Ultra-Low Noise and High PSRR LDO Regulator
|
ON Semiconductor
|
ENC102D-10A ENC112D-10A ENC820D-10A ENC220D-10B EN |
±15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch; Temperature Range: -40°C to 85°C; Package: 16-QFN Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN STD MOV Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN 性病检验手
|
Central Semiconductor, Corp.
|
MAX8511EXKXY-T MAX8512EXK-T MAX8510 MAX8510EXKXY-T |
3.7 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO5 Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70 Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO5
|
MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|